Part Number Hot Search : 
NTC5D STRLPBF NTC5D LTC691 7C1049 68HC91 NT7305 C0402
Product Description
Full Text Search
 

To Download BAT43WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42WS / BAT43WS
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * * * * * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package
H G A B C E D
SOD-323 Dim A
J
Min 2.30 1.60 1.20 0.25 0.20 0.10 0
Max 2.70 1.80 1.40 0.35 0.40 0.15 8
Mechanical Data
Case: SOD-323, Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Leads: Solderable per MIL-STD-202, Method 208 BAT42WS Marking: S7 BAT43WS Marking: S8 Polarity: Cathode Band Weight: 0.004 grams (approx.)
B C D E G H J a
a
1.05 Typical
0.05 Typical
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Repetitive Peak Forward Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Non-Repetitive Peak Forward Surge Current @ t < 10ms Symbol VRRM VRWM VR VR(RMS) IFM IO IFRM IFSM Pd RqJA Tj , TSTG BAT42WS / BAT43WS 30 21 200 100 500 4.0 200 625 -55 to +125 Unit V V mA mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R Both Types BAT42WS BAT42WS BAT43WS BAT43WS Min 30 3/4 3/4 3/4 0.26 3/4 3/4 3/4 3/4 Max 3/4 1.0 0.40 0.65 0.33 0.45 500 100 10 5.0 Unit V Test Condition IR = 100mA IF = 200mA IF = 10mA IF = 50mA IF = 2.0mA IF = 15mA VR = 25V VR = 25V, Tj = 100C VR = 1.0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
VFM
V
Peak Reverse Current (Note 2) Total Capacitance Reverse Recovery Time Notes:
IRM CT trr
nA mA pF ns
1. Part mounted on FR4 PC Board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30100 Rev. 7 - 2
1 of 2
BAT42WS / BAT43WS
IF, INSTANTANEOUS FORWARD CURRENT (mA)
IO, AVERAGE RECTIFIED CURRENT (mA)
100
100
TA = 125C TA = 75C
80
60
10
TA = 25C
40
1.0
TA = -25C
20 Tj = 125C 0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1
0
200
400
600
800
1.0
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
100
Tj = 25C f = 1MHz
100
TA = 125C
10
CT, TOTAL CAPACITANCE (pF)
20 30 40
10
1.0
TA = 75C
0.1
TA = 25C
0.01
0
10
1.0 0 5.0 10 15 20 25 30 35 40 VR, REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage
VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
Ordering Information
Device
(Note 2) Packaging SOD-323 Shipping 3000/Tape & Reel
BAT42WS-7/BAT43WS-7 Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
XX = Product Type Marking Code See Sheet 1
DS30100 Rev. 7 - 2
2 of 2
BAT42WS / BAT43WS


▲Up To Search▲   

 
Price & Availability of BAT43WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X